PART |
Description |
Maker |
STP16NK60Z STW16NK60Z STP16NK65Z-S STB16NK60Z-S ST |
N-CHANNEL 600V - 0.38蟹 - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET N-CHANNEL 600V - 0.38з - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESHMOSFET N沟道600V 0.38з - 14A条,220 / I2SPAK /47齐纳⑩MOSFET的保护SuperMESH N-CHANNEL 600V - 0.38з - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESHMOSFET N沟道600V 0.38з - 14A条,220 / I2SPAK /47齐纳⑩MOSFET的保SuperMESH N-CHANNEL MOSFET N-CHANNEL 600V - 0.38 Ohm - 14A TO-220/I2SPAK / TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V - 0.38 - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V - 0.38з - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 600V - 0.38?/a> - 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH?/a> MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
STP12NM60N STF12NM60N STB12NM60N-1 STW12NM60N STB1 |
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.35楼? - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.35ヘ - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STB15NM60N STI15NM60N STP15NM60N STF/I15NM60N STF1 |
N-channel 600V - 0.270ヘ - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.270楼? - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET
|
STMicroelectronics
|
STW20NM60 |
N-CHANNEL Power MOSFET N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh?Power MOSFET N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.26 OHM - 20A TO-247 MDMESH POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STGW39NC60VD GW39NC60VD |
N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH IGBT N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH⑩ IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGW20NC60VD |
N-CHANNEL 30A - 600V TO-247 HYPERFAST POWERMESH IGBT N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STGY40NC60VD STGY40NC60V |
N-CHANNEL 50A - 600V MAX247 VERY FAST POWERMESH" IGBT N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:220uF; Capacitance
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STGW20NB60K |
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH?/a> IGBT N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH⑩ IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGW30NC60WD |
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH?/a> IGBT N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH⑩ IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STGE50NB60HD |
N-CHANNEL 50A - 600V ISOTOP POWERMESH IGBT
|
ST Microelectronics
|
STGW40NC60V |
N-CHANNEL 40A - 600V TO-247 POWERMESH IGBT
|
ST Microelectronics
|